Part Number Hot Search : 
SRAF0840 IRFZ4 BC857 M253FAN 633A32 JHV3428 660CT 9945B
Product Description
Full Text Search
 

To Download 2SA1075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification www.jmnic.com silicon pnp power transistors 2SA1075 2sa1076 description ? with mt-200 package ? complement to type 2sc2525,2sc2526 ? fast switching speed ? excellent safe operating area applications ? high frequency power amplifiers ? audio power amplifiers ? switching regulators ? dc-dc converters pinning(see fig.2) pin description 1 base 2 collector;connected to mounting base 3 emitter fig.1 simplified outline (mt-200) and symbol absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit 2SA1075 -120 v v cbo collector-base voltage 2sa1076 open emitter -160 v 2SA1075 -120 v v ceo collector-emitter voltage 2sa1076 open base -160 v v ebo emitter-base voltage open collector -7 v i c collector current -12 a p c collector power dissipation t c =25 ?? 120 w t j junction temperature 150 ?? t stg storage temperature -65~150 ?? jm nic
product specification www.jmnic.com jm nic silicon pnp power transistors 2SA1075 2sa1076 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit 2SA1075 -120 v (br)ceo collector-emitter breakdown voltage 2sa1076 i c =-1ma ;r be = ?t -160 v 2SA1075 -120 v (br)cbo collector-base breakdown voltage 2sa1076 i c =-50 | a; i e =0 -160 v v (br)ebo emitter-base breakdown voltage i e =-50 | a; i c =0 -7 v v cesat collector-emitter saturation voltage i c =-5a;i b =-0.5a -1.8 v v be base-emitter voltage i c =-5a;v ce =-5v -1.7 v 2SA1075 v cb =-120v; i e =0 i cbo collector cut-off current 2sa1076 v cb =-160v; i e =0 -50 | a 2SA1075 v ce =-120v; i b =0 i ceo collector cut-off current 2sa1076 v ce =-160v; i b =0 -1 ma i ebo emitter cut-off current v eb =-7v; i c =0 -50 | a h fe-1 dc current gain i c =-1a ; v ce =-5v 60 200 h fe-2 dc current gain i c =-7a ; v ce =-5v 40 c ob output capacitance i e =0 ; v cb =-10v 300 pf f t transition frequency i c =-1a ; v ce =-10v 45 mhz switching times t r rise time -0.15 | s t s storage time -0.50 | s t f fall time i c =- 7.5a;r l =4 |? i b1 =- i b2 =-0.75a -0.11 | s
product specification www.jmnic.com jm nic silicon pnp power transistors 2SA1075 2sa1076 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SA1075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X